PART |
Description |
Maker |
LN1371GH-6UTR LN1371G-TR LN1371GTR LN1271RAL-TR LN |
Opto-Electronic Device - Visible Light Emitting Diodes - Chip LEDs 光电子器可见光发光二极管-芯片LED Surface Mounting Chip LED S-GW Type
|
Matsshita / Panasonic
|
LNJ808R88RA LNJ408K84RA |
Ultra Hight Bright Surface Mounting Chip LED InGaAIP SS Type From old datasheet system Opto-Electronic Device - Visible Light Emitting Diodes - Chip LEDs
|
Matsshita / Panasonic
|
A922AS-2R8M A922BS-6R6M A922AS-9R1M A922AS-1R8N A9 |
Fixed Inductors for Surface Mounting 1 ELEMENT, 6.6 uH, GENERAL PURPOSE INDUCTOR, SMD Fixed Inductors for Surface Mounting 表面安装固定电感
|
TOKO Inc. TOKO, Inc.
|
PPR PPR100 |
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
|
Electronic devices inc.
|
AZ832-2C-9DSE AZ832 AZ832-2C-12DE AZ832-2C-12DME A |
Nominal coil VCD: 24; polarised DIP relay single side stable Nominal coil VCD: 6; polarised DIP relay single side stable Nominal coil VCD: 9; polarised DIP relay single side stable POLARIZED DIP RELAY SINGLE SIDE STABLE 极化继电器双酯单面稳 ; Capacitance:15pF; Capacitance Tolerance: /- 1 %; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount ; Capacitance:1.1pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount ; Capacitance:0.8pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount ; Capacitance:12pF; Capacitance Tolerance: /- 1 %; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount ; Capacitance:18pF; Capacitance Tolerance: /- 1 %; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount Nominal coil VCD: 48; polarised DIP relay single side stable Nominal coil VCD: 3; polarised DIP relay single side stable Nominal coil VCD: 12; polarised DIP relay single side stable
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers ZETTLER electronics
|
MCP6542 MCP6542-I/MS MCP6542-I/P MCP6542-I/SN MCP6 |
The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... Push-Pull Output Sub-Microamp Comparators The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the 16 lead PDIP, SOIC and 14 lead TSSOP pack The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package, The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package. The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC, MSOP and five le The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current ... The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... From old datasheet system IC,VOLT COMPARATOR,DUAL,CMOS,TSSOP,8PIN,PLASTIC
|
Microchip Technology Inc.
|
PIC16C63-I/SPREL PIC16C63T-04/SO PIC16C63T-04E/SO |
A newer version of this device is available. Please consider PIC16C63A This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C65B A newer version of this device is available. Please consider PIC16C62B
|
Microchip
|
SR500 SR550 |
Ceiling surface mounting
|
Lumins Inc.
|
103-000-04-54 103-311-04-05 103-311-04-24 103-314- |
T-1 SINGLE COLOR LED, RED, 3 mm PCB MOUNTING LEDs - ? 3mm PCB MOUNTING LEDs - ? 3mm PCB MOUNTING LEDs - 篓陋 3mm
|
MARL INTERNATIONAL LTD Marl International Limited
|
106-000-04-57 106-564-04 106-564-04-4 106-384-21 1 |
T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNTING LEDs - ? 5mm PCB MOUNTING LEDs - ? 5mm PCB MOUNTING LEDs - 篓陋 5mm
|
MARL INTERNATIONAL LTD Marl International Limited
|